PART |
Description |
Maker |
STM8AH51A8 STM8AH51AA |
Automotive 8-bit MCU
|
STMicroelectronics
|
STM8AF6268 STM8AF612X |
Automotive 8-bit MCU
|
ST Microelectronics
|
ST72F561J9TBS ST72F561J9TBXS ST72F561J9TCS ST72F56 |
8-bit MCU for automotive
|
ST Microelectronics
|
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
STM8AF51XX |
(STM8Axx1XX) Automotive 8-bit MCU
|
STMicroelectronics
|
STM8AF51XX STM8H61XX STM8AF6X86TAY STM8AP6X86TAY S |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
C8051F531A C8051F531A-IM C8051F531A-IT |
25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
|
Silicon Laboratories
|
SPC56EL60L5CBOSR SPC56EL60L5CCOSR SPC56EL60L3CCFQR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AL3138TCY STM8AL3148TCY STM8AL3166TCY STM8AL3L |
Automotive 8-bit ultralow power MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit ultralow power MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit ultralow power MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit LCD ultralow power MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit LCD ultralow power MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF6248TCY STM8AF6266ITCY STM8AF6266TCY STM8AF6 |
Automotive LIN line 8-bit MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|